|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Hebei I.T. (Shanghai) Co., Ltd. LED SPECIFICATION Part No./913PWO4C CATHODE O Features/ l Single color/ l High bright output/ l High reliability and long life/ l Low power consumption/ O Descriptions/ l Dice material/InGaN l Emitting Color/ Super Bright White/ l Device Outline/ 7.62mmX7.62mm l Lens Type Water Clear/ 1. All dimensions are millimeters/mm. 2. Tolerance is +/-0.20mm unless otherwise noted/ 0.20mm. O Directivity/ DIRECTIVITY Relative Luminous Intensity 1.0 0 Ta=25C IF=30mA 30 0.5 60 0 90 60 30 0 0.5 90 1.0 Radiation Angle www.ledz.com 1/4 Hebei I.T. (Shanghai) Co., Ltd. LED SPECIFICATION Part No./913PWO4C O Absolute maximum ratings/Ta = 25 Parameter Reverse Voltage Forward Current Power Dissipation Pulse Current Operating Temperature Storage Temperature Symbol VR IF Pd Ipeak Topr Tstr Test Condition IR = 30A ------Duty=0.1mS1kHz ------Values Min. 5 ----------40 -40 Max. -30 114 150 +85 +100 Unit V mA mW mA O Electrical and optical characteristics/Ta = 25 Parameter Forward Voltage Reverse Current Luminous Flux Viewing Angle Symbol VF IR Test Condition IF=30mA VR=5V IF=30mA IF = 30mA Values Min. ------2.5 ---Typ. 3.3 ---4.5 120 Max. 3.8 30 ------Unit V A lm Deg. v 21/2 O Luminous Intensity Bins Chart/(Unitlm)Ta = 25 Bin Min Max H 2.2 2.8 www.ledz.com 2/4 J 2.8 3.6 K 3.6 4.7 L 4.7 6.0 M 6.0 7.8 Hebei I.T. (Shanghai) Co., Ltd. LED SPECIFICATION Part No./913PWO4C O Color Temperature Bins Char/Ta = 25 Bin CCT Bin CCT WP0 <2500 WP5 3600~4000 WP1 2500~2800 WP6 4000~4500 WP2 2800~3000 WP7 4500~5000 WP3 3000~3300 WP8 5000~6000 WP4 3300~3600 WP9 >6000 O Typical electrical/optical characteristic curves/ Fig.1 Vs. 100 80 60 40 20 0 3.0 3.3 3.4 3.1 3.2 Forward Voltage(V) Luminous Intensity Relative Value at IF=20mA Relative Luminous Intensity 2.5 2.0 1.5 1.0 0.5 0 -30 20 40 60 80 100 Forward Current(mA) Fig.2 Vs. 2.5 2.0 1.5 1.0 0.5 0 40 30 50 0 10 20 IF-Forward Current (mA) Fig.3 Vs. 50 Forward Current(mA) 40 30 20 10 0 0 Fig.4 Vs. Ambient Temperature TA () -10 10 30 50 70 90 Ambient Temperature TA () Relative Luminous Intensity 1.2 Ta=25 1.0 0.8 0.6 0.4 0.2 0 400 450 500 550 600 650 700 Wavelength (nm) www.ledz.com 3/4 Hebei I.T. (Shanghai) Co., Ltd. LED SPECIFICATION Part No./913PWO4C O Life Test curves / 120% 100% 80% 60% 40% 20% 0% 0 200h 400h 600h 800h 1000h 1200h 1 www.ledz.com 4/4 |
Price & Availability of 913PWO4C |